Part Number Hot Search : 
63A52 68600 02241 MAX50 2305457 MC74H 47LF100 IS61LV
Product Description
Full Text Search
 

To Download BUL1688 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shenzhen SI Semiconductors Co., LTD.
Product Specification
BUL SERIES TRANSISTORS
FEATURES APPLICATION: HIGH VOLTAGE CAPABILITY FLUORESCENT LAMP HIGH SPEED SWITCHING ELECTRONIC BALLAST
BUL1688
WIDE SOA ELECTRONIC TRANSFORMER
Absolute Maximum Ratings
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter- Base Voltage Collector Current Total Power Dissipation Junction Temperature Storage Temperature
Tc=25C
SYMBOL VCBO VCEO VEBO IC PC Tj Tstg VALUE 700 400 9 5.0 50 150 -65-150
TO-251
UNIT V V V A W C C
Electronic Characteristics
CHARACTERISTICS Collector-Base Cutoff Current Collector-Emitter Cutoff Current Collector-Emitter Voltage Emitter-Base Voltage
Tc=25C
SYMBOL ICBO ICEO
TEST CONDITION
Collector-Emitter Saturation Voltage
Base-Emitter Saturation Voltage DC Current Gain
Storage Time Falling Time
w
w
w
t a .D
VCEO VEBO Vces Vbes hFE tS tf
S a
VCB=700V
VCE=400V,IB=0 IC=10mA,IB=0 IE=1mA,IC=0
e h
U t4 e
MIN 400 9
.c
MAX 100 250
m o
UNIT A A V V
IC=1.0A,IB=0.2A IC=2.0A,IB=0.4A IC=4.0A,IB=1.0A
0.5 0.7 1.5 1.5 8 10 8 3 0.8 S 40 V V
IC=2.0A,IB=0.4A VCE=5V,IC=10mA VCE=5V,IC=1.0A VCE=5V,IC=2.5A VCC=250V, IC=5IB IB1= -IB2=0.5A
Si semiconductors
2004.10
1
www..com
Shenzhen SI Semiconductors Co., LTD.
Product Specification
BUL SERIES TRANSISTORS
SOA (DC)
120 100
BUL1688
%
Ic(A)
10
Pc
Tj
1
80
IS/B
60
0.1
40 20 0
Ptot
0.01 1
hFE
10
100
Vce(v)
1000
0
50
100
150
Tj(
)
200
hFE - Ic
100
100
hFE
hFE - Ic
Tj=125
Tj=125
Tj=25
Tj=25
10
Tj= - 40
10
Tj= - 40
Vce=1.5V
Vce=5V
1 0.01
0.1
1
Ic(A)
10
1 0.01
0.1
1
Ic(A)
10
10
Vces(v)
hFE=5
Vces - Ic
2
Tj=125 Tj=25 Tj= - 40
Vbes(v)
hFE=5
Vbes - Ic
1.8 1.6 1.4 1.2 1 0.8
1
Tj= - 40 Tj=25 Tj=125
0.1
0.6 0.4 0.2
0.01 0.1 1
Ic(A)
0 10 0.1 1
Ic(A)
10
Si semiconductors
2004.10
2
Shenzhen SI Semiconductors Co., LTD.
Product Specification
TO-251 (IPAK) MECHANICAL DATA
UNIT SYMBOL A A1 B b b1 c c1 D D1 E e e1 L 4.5 7.5 min 2.2 1.1 1.35 0.5 0.7 0.46 0.46 6.35 5.2 5.4 2.3 4.7 7.9 nom max 2.4 1.3 1.65 0.7 0.9 0.56 0.56 6.65 5.4 5.6 mm
Si semiconductors
2004.10
3


▲Up To Search▲   

 
Price & Availability of BUL1688

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X